PART |
Description |
Maker |
IRF054SMD |
N-Channel Power MOSFET(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)(N沟道功率MOS场效应管(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)) N沟道功率MOSFET(减振钢板基本:60V的,身份证(续)5A条,的Rds(on):0.027Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本0V的,身份证(续)5A条,的Rds(on.027Ω))
|
SemeLAB Seme LAB International Rectifier http://
|
IRF9130SMD |
P-Channel Power MOSFET For HI-REL Application(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)(P沟道功率MOS场效应管,HI-REL应用(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)) P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
IRF9530S IRF9530SMD |
P-Channel Power MOSFET For HI-REL Application(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)(P沟道功率MOS场效应管,HI-REL应用(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)) P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
B1821BH075C300N B1821BH075C275N B1821BH038C275N B1 |
Cap Screws Cont
|
Fastenal
|
IRF240SMD |
N.CHANNEL POWER MOSFET N-Channel Power MOSFET(Vdss:200V,Id(cont):13.9A,Rds(on):0.18Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):13.9A,Rds(on):0.18Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续)3.9A,的Rds(on):0.18Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续)3.9A时,RDS(对):0.18Ω))
|
SemeLAB SEME-LAB[Seme LAB] Air Cost Control
|
S05K75 S20S275B S05K115 S05K130 S05K140 S05K175 S0 |
ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
|
List of Unclassifed Man... N.A. ETC[ETC] List of Unclassifed Manufacturers
|
SML80H14 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 13.5 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω))
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
0528932095 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|
AS3834 AS3834-ZSOT AS3834-ZTQT |
4 channel high-precision LED cont rol ler for 3D-LCD backl ight wi th
|
ams AG
|
3-84953-0 |
FPC ( Flexible Printed Circuit ) Connectors; 1MM FPC HORZ.TOP CONT.ASSY 30P ( AMP )
|
Tyco Electronics
|